|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
High IP3 Low Noise Amplifier 50 650 to 1200 MHz Maximum Ratings Operating Temperature Storage Temperature DC Voltage -40C to 80C case -40C to 60C ambient -55C to 100C +17V max. ! NEW ZRL-1200 Features * * * * * * * * * * high IP3, +46 dBm typ. low noise figure, 2.0 dB typ. broadband flat gain response internal voltage regulated over voltage and transient protected low noise, high dynamic range analog/digital cellular PCS, GSM, TDMA, CDMA UHF television driver amplifier CASE STYLE: FJ893 PRICE: $119.95 ea. QTY (1-9) Applications Outline Drawing FREQ. RANGE (MHz) fL - fU 650-1200 800-950 Electrical Specifications (TAMB=25C) GAIN (dB) Flatness Typ. Min. 27.5 25 28 26 Typ. 0.6 0.4 Max. Typ. Max. 1.0 0.8 2.0 2.0 3.0 3.0 NOISE MAXIMUM POWER (dBm) FIGURE (dB) Output (1 dB Comp.) Typ. Min. 24.3 23.5 24.3 23.5 Input (no damage) +10 +10 INTERCEPT POINT IP3 dBm Typ.* 46 46 VSWR (:1) Typ. In Out DIRECTIVITY (dB) DC POWER Max. Volt1 Current Typ. (mA) 12 12 550 550 Typ. 18 18 1.20 1.25 1.20 1.20 * 1MHz tone spacing 1 Other voltages available in the 6.5 to 17V range, please contact factory. ZRL-1200 GAIN 30 NOISE FIGURE (dB) 29 GAIN (dB) 28 27 26 3.0 2.5 2.0 1.5 1.0 0.5 0.0 600 ZRL-1200 NOISE FIGURE Outline Dimensions (inch ) mm A B C D 2.00 3.75 .80 3.00 50.80 95.25 20.32 76.20 K L M .26 1.00 .51 6.60 25.40 12.95 N .22 5.59 E F G .19 3.374 1.624 4.83 85.70 41.25 P .26 6.60 Q -- -- R .19 4.83 H J .156 .44 3.96 11.18 S wt. .10 grams 2.54 135 25 600 700 800 900 1000 1100 1200 700 800 900 1000 1100 1200 FREQUENCY (MHz) FREQUENCY (MHz) ZRL-1200 IP3 60 55 IP3 (dBm) 50 45 40 35 30 600 ZRL-1200 VSWR 1.5 INPUT OUTPUT 1.4 VSWR 700 800 900 1000 1100 1.3 1.2 1.1 1.0 650 760 870 980 1090 1200 FREQUENCY (MHz) FREQUENCY (MHz) Mini-Circuits (R) INTERNET http://www.minicircuits.com P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 Distribution Centers NORTH AMERICA 800-654-7949 * 417-335-5935 * Fax 417-335-5945 * EUROPE 44-1252-832600 * Fax 44-1252-837010 ISO 9001 CERTIFIED REV. E M92817 ZRL-1200 EDB010904/2 BLUEC/TD/CP 040608 |
Price & Availability of ZRL-1200 |